PART |
Description |
Maker |
2SK711 |
Field Effect Transistor Silicon N Channel Junction Type High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
|
TOSHIBA
|
UPC1658G UPC1658G-E1 |
RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER Low Noise, High Frequncy Si MMIC Amplifier(低噪声高频率放大 LOW NOISE/ HIGH FREQUENCY Si MMIC AMPLIFIER LOW NOISE, HIGH FREQUENCY Si MMIC AMPLIFIER LOW NOISE HIGH FREQUENCY Si MMIC AMPLIFIER
|
NEC Corp. NEC[NEC]
|
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
MCH5908 |
High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
|
Sanyo Semicon Device
|
15GN01CA |
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
|
Sanyo Semicon Device
|
15GN01NA |
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
|
Sanyo Semicon Device
|
2SC3803 E000885 |
NPN EPITAXIAL TYPE (HIGH FREQUENCY / VIDEO AMPLIFIER/ HIGH SPEED SWITCHING APPLICATIONS) NPN EPITAXIAL TYPE (HIGH FREQUENCY , VIDEO AMPLIFIER, HIGH SPEED SWITCHING APPLICATIONS) HIGH FREQUENCY AMPLIFIER APPLICATIONS VODEO AMPLIFIER APPLICATIONS HIGH SPEED SWITCHING APPLICATIONS From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
FOD0708 |
Optocouplers consist of an AlGaAs LED optically coupled to a high speed trans-impedance amplifier and voltage comparator
|
FAIRCHILD
|
2SC2413K 2SC2058S 2SC4098 2SC4618 2SC5659 2SC5058S |
25V,50mA, 300MHz high-frequency amplifier transistor Transistors > Small Signal Bipolar Transistors(up to 0.6W) High-frequency Amplifier Transistor(25V 50mA 300MHz) High-frequency Amplifier Transistor(25V, 50mA, 300MHz) High-frequency Amplifier Transistor(25V/ 50mA/ 300MHz)
|
ROHM[Rohm] Rohm CO.,LTD.
|
FOD0708 FOD0708R1 FOD0708R2 FOD0738 |
From old datasheet system Optocouplers consist of an AlGaAs LED optically coupled to a high speed trans-impedance amplifier and voltage comparator
|
FAIRCHILD[Fairchild Semiconductor]
|
2SB718 2SB717 |
LOW FREQUENCY HIGH VOLTAGE AMPLIFIER Complementary pair with 2SB757 and 2SB758 低频高压放大器互补配SB7572SB758 (2SB717 / 2SB718) LOW FREQUENCY HIGH VOLTAGE AMPLIFIER Complementary pair From old datasheet system
|
Hitachi,Ltd. Hitachi Semiconductor
|